Part Number Hot Search : 
EBE21U ANODE 2SC4656R FR805 MV321I EBE21U MAZ9062H CD090
Product Description
Full Text Search
 

To Download SF82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
SF81 THRU SF86
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes
FEATURES
* * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit
.413 (10.5) .374 (9.5) .153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8) .610 (15.5) .583 (14.8) .04MAX. (1.0) .157 (4.0) .051 (1.3) .043 (1.1) .035 (0.9) .102 (2.6) .091 (2.3) .583 (14.8) .531 (13.5) .187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2)
TO-220A
MECHANICAL DATA
* * * * * Case: TO-220A molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams
.108 (2.75)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.022 (0.56) .014 (0.36) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 100 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM R J C CJ TJ, TSTG 50 -65 to + 150 SF81 50 35 50 SF82 100 70 100 SF83 150 105 150 8.0 125 3 30 SF84 200 140 200 SF85 300 210 300 SF86 400 280 400 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR =- 1.0A, IRR = -0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "R" for Reverse Polarity. @TC = 100 oC SYMBOL VF IR trr 35 SF81 SF82 1.0 10 500 50 SF83 SF84 SF85 1.35 SF86 UNITS Volts uAmps nSec 2001-4
RATING AND CHARACTERISTIC CURVES ( SF81 THRU SF86 )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 10 8 6 4 2 0 0 50 100 CASE TEMPERATURE, ( ) 150
Single Phase Half Wave 60Hz Inductive or Resistive Load
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 1000
INSTANTANEOUS REVERSE CURRENT, (uA)
TC = 100
100
10
TC = 25
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 150 125
1.0
0.1 100 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 REVERSE VOLTAGE, ( V ) 100
TJ = 25
SF8 1~S
40 20 10 4 2 1.0 .4 .2 .1 .6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V) 1.3
TJ=25 Pulse Width = 300uS 1% Duty Cycle
SF ~ 81 SF 84
F84
SF
85~
S
F86
SF8
5~S
F86
RECTRON


▲Up To Search▲   

 
Price & Availability of SF82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X